Part Number Hot Search : 
BR358 WG20232A XDMR20A M12542DD P800B LT1036M SSM9435 L6513
Product Description
Full Text Search
 

To Download EPC3117S-3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Push-Pull Low Power Transformer
ELECTRONICS INC.
EPC3117S-X & EPC3117S-X-LF
* Designed for use with Maxim Max845 * Used in SMPS Push-Pull Topology * UL 94V-0 Recognized Components * UL 1446 Class B Insulation System * Add "-LF" after part number for Lead-Free * Switching Frequency : 250 KHz-1 Mhz * 8 Pin SOIC PCMCIA Package * 700 Vdc Minimum Isolation * Very Low Core Loss
Electrical Parameters @ 25 C
PCA Part Number EPC3117S-1(-LF) EPC3117S-2(-LF)
Voltage (V)
Primary OCL (H Typ.)
Turns Ratio (Pri. to Sec.)
ET (V-Sec.)
Duty Cycle (%)
Rectification (Half or Full Wave)
V out V in @ 100 KHz, 0.1 Vrms Pri. :Sec. @ 350 KHz Connections 75 3.3 5 150 1:1:2:2 7.1 Output Center Tap 75 5 5 375 1:1:1.3:1.3 11 Output Center Tap 75 5 10 375 1:1:1.3:1.3 11 Voltage Doubler 75 *EPC3117S-3(-LF) 5 10 375 1:1:2.67:2.67 11 Output Center Tap 80 *EPC3117S-4(-LF) 5 12 375 1:1:3:3 11 Output Center Tap 80 5 24 375 1:1:3:3 11 Voltage Doubler 75 EPC3117S-5(-LF) 3.3 5 150 1:1:1:1 7.1 Voltage Doubler 75 EPC3117S-6(-LF) 5 5 375 1:1:.67:.67 11 Voltage Doubler 80 EPC3117S-7(-LF) 5 12 375 1:1:1.5:1.5 11 Voltage Doubler 75 EPC3117S-8(-LF) 5 15 375 1:1:2:2 11 Voltage Doubler * Connections : Output Center Tap as Common/Return * Operating Temperature : -40C to +85C *
{ {
Package
.290 (7.37) .070 (1.78) Marking : PCA EPC3117S(-LF) Date Code Pin 1 I.D. .150 (3.81) *.098 Max. (2.49) for EPC3117S-3/-4 .003/.010 (.076/.254) 0-8 .008/.012 (.203/.304) .050 (1.27) Pri. .090 (2.29) 1 2 3 .270 (6.86) .420 Pad (10.67) Layout 4
Schematic
Sec. 8 7 6 5
.030 (.762)
Application
.088 Max. (2.24)
.050 (1.27) .018/.022 (.457/.559)
Notes : 1. Assembly Process (Solder Composition) 2. Peak Temperature Rating 3. Weight 4. Packaging Information (Tube) EPC3117S SnPb 225C (10 +2/-0) Seconds TBD grams TBD pcs / tube
.025 (.635) .365 (9.27)
EPC3117S-LF Sn100 260C (10 +2/-0) Seconds TBD grams TBD pcs / tube
Unless Otherwise Specified Dimensions are in Inches /mm .010 /.25 PCA ELECTRONICS, INC. 16799 SCHOENBORN ST. NORTH HILLS, CA 91343
Product performance is limited to specified parameters. Data is subject to change without prior notice.
CSC3117S & -LF Rev. 3 3/21/06 FT
TEL: (818) 892-0761 FAX: (818) 894-5791 http://www.pca.com


▲Up To Search▲   

 
Price & Availability of EPC3117S-3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X